s o n g l e r e l ay 3. ordering information relay iso9002 s r s / s r s z 1. main features ? subminiature type. ? silver or silver alloy contacts withgold plated. ? low dissipation. ? sealed type available. ? design conforms to foreign safety standard ul,cul,tuv 2. applications microprocessor control, store program exchanger and household appliance. SRS/SRSz xx vdc s l m odel of r e l ay n o m i nal c o i l v o l t age s t r u c t u r e c o i l s en s i t ivi t y h : 0 . 2 0 w s: sealed type l: 0.36w SRS/SRSz 03 ? 05 ? 06 ? 09 ? 12 ? 24vdc f: flux free type d : 0 . 4 5 w 4. rating ul /cul file number: e167996 1a/120vac 24vdc tuv file number: r50056114 3a/250vac 30vdc 3a/120vac 24vdc 5. dimension (unit:mm) drilling (unit:mm) wiring diagram 1 free datasheet http:///
s r s / s r s z s r s/s r sz type item 1 a m p t y pe 1 a m p t y pe contact capacity coil=0.2w resistiveload(cos f =1) 1a 125vac 1a 30vdc inductiveload 0.3a 125vac (cos f =0.4 l/r=7msec) 0.3a 30vdc rated carrying current 1 a contact material ag alloy coil=0.2w 3a 250vac 1a 30vdc 0.3a 250vac 0.3a 30vdc 1 a ag alloy o per a t ion tim e r le e a s e ti me 03 03 66.7 45 05 05 40 125 06 06 33.3 180 09 09 22.2 405 12 12 16.7 720 24 24 8.3 2880 03 03 120 25 s r s (z ) 05 05 66.7 75 06 06 60 100 abt. 0.36w 75% max. 5% min. 110% 06 06 75 80 09 09 50 180 12 12 37.5 320 24 24 18.75 1280 ? 6. coil data chart (at20 c) coil nominal nominal coil power pull-in drop-out max-allowable coil voltage voltage current resistance consumption voltage voltage voltage sensitivity code (vdc) (ma) ( w ) ? 10% (w) (vdc) (vdc) (vdc) SRS(z) (high sensitivity) abt. 0.2 w 75% max. 5% min. 110% (standard) SRS(z) (normal sensitivity) 09 09 40.9 220 12 12 30 400 24 24 15 1600 03 03 150 20 05 05 89.3 56 abt. 0.45w 75% max. 5% min. 110% 7. contact rating 9.reference data coil temperature rise 60 50 40 30 20 8. performance (at initial value) type SRS/SRSz 10 0 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 item contact resistance 100m w max. operation time 10msec max. release time 5msec max. dielectric strength coil power (w) operation time 12 10 8 between coil & contact between contacts 500vac 50/60hz (1 minute) 6 500vac 50/60hz (1 minute) insulation resistance 100 m w min. (500vdc) 4 max. on/off switching 2 mechanically electrically 300 operation/min 30 operation/min 0 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 operating ambient temperature -25 ? c to +70 ? c operating humidity 45 to 85% rh 100.0 5 coil power (w) life expectancy vibration endurance error operation shock endurance error operation life expectancy mechanically electrically 10 to 55hz single amplitude 0.35mm 10 to 55hz single amplitude 0.35mm 50g min. 10g min. 10 7 operations. min. (no load) 10 5 operations. min. (at rated coil voltage) 3 2 10.0 5 3 2 1.0 weight abt. 4grs. 5 3 2 0.1 0.0 0.5 1.0 1.5 2.0 2.5 3.0 current of load (a) 2 free datasheet http:///
|